Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8312 Datasheet (PDF) - Analog Devices

AD8312 Datasheet PDF - Analog Devices
Part # AD8312
Download  AD8312 Download
File Size   576.42 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz-2.7 GHz, 45 dB RF Log Detector

AD8312 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8312 Datasheet PDF - Analog Devices

Part # AD8312
Download  AD8312 Click to download

File Size   576.42 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz-2.7 GHz, 45 dB RF Log Detector

AD8312 Datasheet (HTML) - Analog Devices


AD8312 Product details

GENERAL DESCRIPTION

The AD8312 is a complete, low cost subsystem for the measurement ofRF signals in the frequency range of50 MHz to 3.5 GHz .It has a typical dynamic range of 45 dB and is intended for use in a wide variety of cellular handsets and other wireless devices. It provides a wider dynamic range and better accuracy than possible using discrete diode detectors. In particular, its temperature stability is excellent over the fulloperating range of −40°C to+85°C.



FEATURES

Complete RF detector function

Typical range: −45 dBm to 0 dBm, re 50 Ω

Frequency response from 50 MHz to 3.5GHz

Temperature-stable linear-in-dB response

   Accurate to 3.5GHz

Rapid response: 85/120ns (rise/fall)

   Low power: 12 mW at 2.7 V




Similar Part No. - AD8312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD8312 AD-AD8312 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
Rev. B
AD8312-EVAL AD-AD8312-EVAL Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8312-EVALZ AD-AD8312-EVALZ Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
Rev. B
AD8312ACBZ-P2 AD-AD8312ACBZ-P2 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
More results


Similar Description - AD8312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314 Datasheet
274Kb / 16P
100 MHz-2500 MHz 45 dB RF Detector/Controller
REV.0
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com