Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314 Datasheet (PDF) - Analog Devices

AD8314 Datasheet PDF - Analog Devices
Part # AD8314
Download  AD8314 Download
File Size   274.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz-2500 MHz 45 dB RF Detector/Controller

AD8314 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8314 Datasheet PDF - Analog Devices

Part # AD8314
Download  AD8314 Click to download

File Size   274.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz-2500 MHz 45 dB RF Detector/Controller

AD8314 Datasheet (HTML) - Analog Devices


AD8314 Product details

GENERAL DESCRIPTION
The AD8314 is a complete low cost subsystem for the measurement and control of RF signals in the frequency range of 100 MHz to 2.7 GHz, with a typical dynamic range of 45 dB, intended for use in a wide variety of cellular handsets and other wireless devices. It provides a wider dynamic range and better accuracy than possible using discrete diode detectors. In particular, its temperature stability is excellent over the full operating range of −40°C to +85°C.
Its high sensitivity allows control at low power levels, thus reducing the amount of power that needs to be coupled to the detector. It is essentially a voltage-responding device, with a typical signal range of 1.25 mV to 224 mV rms or –58 dBV to −13 dBV. This is equivalent to −45 dBm to 0 dBm, re 50 Ω.

FEATURES
   Complete RF detector/controller function
   Typical range:−58 dBV to −13 dBV
      −45 dBm to 0 dBm, re 50 Ω
   Frequency response from 100 MHz to 2.7 GHz
   Temperature-stable linear-in-dB response
      Accurate to 2.7 GHz
   Rapid response: 70 ns to a 10 dB step
   Low power: 12 mW at 2.7 V
   Power down to 20 μA

APPLICATIONS
   Cellular handsets (TDMA, CDMA , GSM)
   RSSI and TSSI for wireless terminal devices
   Transmitter power measurement and control




Similar Part No. - AD8314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314 AD-AD8314 Datasheet
522Kb / 20P
RF Detector/Controller
Jan-2018
AD8314 AD-AD8314 Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314-EVAL AD-AD8314-EVAL Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314-EVAL AD-AD8314-EVAL Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
More results


Similar Description - AD8314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com