Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8314
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314 Datasheet(HTML) 2 Page - Analog Devices

  AD8314 Datasheet HTML 1Page - Analog Devices AD8314 Datasheet HTML 2Page - Analog Devices AD8314 Datasheet HTML 3Page - Analog Devices AD8314 Datasheet HTML 4Page - Analog Devices AD8314 Datasheet HTML 5Page - Analog Devices AD8314 Datasheet HTML 6Page - Analog Devices AD8314 Datasheet HTML 7Page - Analog Devices AD8314 Datasheet HTML 8Page - Analog Devices AD8314 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD8314–SPECIFICATIONS (V
S = 3 V, TA = +25 C, unless otherwise noted)
Parameter
Condition
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
To Meet All Specifications
0.1
2.5
GHz
Input Voltage Range
Internally AC-Coupled
1.25
224
mV rms
Equivalent Power Range
52.3
Ω External Termination
–45
0
dBm
Logarithmic Slope
Main Output, V_UP, 100 MHz1
18.85
21.3
23.35
mV/dB
Logarithmic Intercept
Main Output, V_UP, 100 MHz
–68
–62
–56
dBV
Equivalent dBm Level
52.3
Ω External Termination
–55
–49
–43
dBm
INPUT INTERFACE
(Pin RFIN)
DC Resistance to COMM
100
k
Ω
Inband Input Resistance
f = 0.1 GHz
3
k
Ω
Input Capacitance
f = 0.1 GHz
2
pF
MAIN OUTPUT
(Pin V_UP)
Voltage Range
V_UP Connected to VSET
0.01
1.2
V
Minimum Output Voltage
No Signal at RFIN, RL
≥ 10 kΩ
0.01
0.02
0.05
V
Maximum Output Voltage
2
RL
≥ 10 kΩ
1.9
2
V
General Limit
2.7 V
≤ V
S
≤ 5.5 V
VS – 1.1
VS –1
V
Available Output Current
Sourcing/Sinking
1/0.5
2/1
mA
Response Time
10%–90%, 10 dB Step
70
ns
Residual RF (at 2f)
f = 0.1 GHz (Worst Condition)
100
µV
INVERTED OUTPUT
(Pin V_DN)
Gain Referred to V_UP
VDN = 2.25 V – 2
× V
UP
–2
Minimum Output Voltage
VS
≥ 3.3 V
0.01
0.05
0.1
V
Maximum Output Voltage
VS
≥ 3.3 V3
2.1
2.2
2.5
V
Available Output Current
Sourcing/Sinking
4/100
6/200
mA/
µA
Output-Referred Noise
RF Input = 2 GHz, –33 dBV, fNOISE = 10 kHz
1.05
µV/√Hz
Response Time
10%–90%, 10 dB Input Step
70
ns
Full-Scale Settling Time
–40 dBm to 0 dBm Input Step, to 95%
150
ns
SETPOINT INPUT
(Pin VSET)
Voltage Range
Corresponding to Central 40 dB
0.15
1.2
V
Input Resistance
710
k
Ω
Logarithmic Scale Factor
f = 0.900 GHz
20.7
mV/dB
f = 1.900 GHz
19.7
mV/dB
ENABLE INTERFACE
(Pin ENBL)
Logic Level to Enable Power
HI Condition, –30
°C ≤ T
A
≤ +85°C
1.6
VPOS
V
Input Current when HI
2.7 V at ENBL, –30
°C ≤ T
A
≤ +85°C
20
300
µA
Logic Level to Disable Power
LO Condition, –30
°C ≤ T
A
≤ +85°C
–0.5
0.8
V
POWER INTERFACE
(Pin VPOS)
Supply Voltage
2.7
3.0
5.5
V
Quiescent Current
3.0
4.5
5.7
mA
Over Temperature
–30
°C ≤ T
A
≤ +85°C
2.7
4.4
6.6
mA
Total Supply Current when Disabled
20
95
µA
Over Temperature
–30
°C ≤ T
A
≤ +85°C40
µA
NOTES
1Mean and Standard Deviation specifications are available in Table I.
2Increased output possible when using an attenuator between V_UP and VSET to raise the slope.
3Refer to Figure 19 for details.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com