Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8314
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8314 Datasheet HTML 8Page - Analog Devices AD8314 Datasheet HTML 9Page - Analog Devices AD8314 Datasheet HTML 10Page - Analog Devices AD8314 Datasheet HTML 11Page - Analog Devices AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices AD8314 Datasheet HTML 14Page - Analog Devices AD8314 Datasheet HTML 15Page - Analog Devices AD8314 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8314
–13–
REV. 0
The setpoint voltage, in the range 0 V to 1.1 V, is applied to the
VSET pin of the AD8314. This will typically be supplied by a
Digital-to-Analog Converter (DAC). This voltage is compared
to the input level to the AD8314. Any imbalance is between VSET
and the RF input level is corrected by V_DN, which drives the
VAPC (gain control) of the power amplifier. V_DN reaches a
maximum value of approximately 1.9 V on a 2.7 V supply (this
will be higher for higher supply voltages) while delivering approxi-
mately 3 mA to the VAPC input.
A filter capacitor (CF) must be used to stabilize the loop. The
choice of CF will depend to a large degree on the gain control
dynamics of the power amplifier, something that is frequently
poorly characterized, so some trial and error may be necessary.
In this example, a 220 pF capacitor gives the loop sufficient
speed to follow the GSM and DCS1800 time slot ramping profiles,
while still having a stable, critically-damped response.
Figure 35 shows the relationship between the setpoint voltage,
VSET and output power, at 0.9 GHz. The overall gain control
function is linear in dB for a dynamic range of over 40 dB.
Figure 36 shows a similar circuit for a single band handset power
amplifier. The BGY241 (Phillips) is driven by a nominal power
level of 0 dBm. A 20 dB directional coupler, DC09-73 (Alpha) is
used to couple the signal in this case. Figure 37 shows the rela-
tionship between the control voltage and the output power at
0.9 GHz.
In both of these examples, noise on the V_DN pin can be reduced
by placing a simple RC low-pass filter between VDN and the gain
control pin of the power amplifier. However, the value of the
resistor should be kept low to minimize the voltage drop across
it due to the dc current flowing into the gain control input.
VSET – Volts
–30
0
0.2
0.4
0.6
0.8
1.0
1.2
–20
–10
0
10
20
30
40
Figure 35. POUT vs. VSET at 0.9 GHz for Dual Mode
Handset Power Amplifier Application
ENBL
RFIN
AD8314
VSET
FLTR
VPOS
COMM
V UP
VS
2.7V
VSET
0V–1.1V
RF INPUT
0dBm
MAX
VS
ATTN
15dB
V DN
CF
220pF
+35dBm
MAX
47 F
TO
ANTENNA
BGY241
+15dBm
2.2 F
680pF
PIN
0dBm
DC09-73
6
3
4
5
12
3.5V
0.1 F
52.3
Figure 36. A Single Mode Power Amplifier Control Circuit
VSET – Volts
–30
0
0.2
0.4
0.6
0.8
1.0
–20
–10
0
10
20
30
40
–40
–50
Figure 37. POUT vs. VSET at 0.9 GHz for Single Mode
Handset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com