Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7107 Datasheet (PDF) - Melexis Microelectronic Systems

TH7107 Datasheet PDF - Melexis Microelectronic Systems
Part # TH7107
Download  TH7107 Download
File Size   376.17 Kbytes
Page   16 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 315/433MHz FSK/FM/ASK Transmitter

TH7107 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH7107 Datasheet PDF - Melexis Microelectronic Systems

Part # TH7107
Download  TH7107 Click to download

File Size   376.17 Kbytes
Page   16 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 315/433MHz FSK/FM/ASK Transmitter

TH7107 Datasheet (HTML) - Melexis Microelectronic Systems


TH7107 Product details

General Description
The TH7107 FSK/ASK/FM transmitter IC is designed for applications in the European 433MHz industrial-scientific-medical (ISM) band, according to the EN 300 220 telecommunications standard. It can also be used for any other system with carrier frequencies ranging from 310 MHz to 440 MHz (e.g. for applications in the US 315MHz ISM band).

Features
❐ Fully integrated, PLL-stabilized VCO
❐ Frequency range from 310 MHz to 440 MHz
❐ FSK through crystal pulling allows modulation from DC to 40 kbit/s
❐ High FSK deviation possible for wideband data transmission
❐ ASK achieved by on/off keying of internal power amplifier
❐ FM possible with external varactor
❐ Wide power supply range from 2.2 V to 5.5 V
❐ High over-all frequency accuracy
❐ Very low standby current
❐ Adjustable output power range from -12 dBm to +2 dBm
❐ Adjustable current consumption from 4.8 mA to 11.5 mA
❐ FSK deviation and center frequency independently adjustable
❐ Differential output well-suited for loop antenna
❐ External clock available for µC drive, down to 1.9 V supply
❐ ”Clock only” mode
❐ Conforms to EN 300 220 and similar standards

Application Examples
❐ Keyless car and central locking
❐ Low-power telemetry
❐ Alarm and security systems
❐ General digital data transmission
❐ General analog audio signal transmission




Similar Part No. - TH7107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
FSK/FM/ASK Transmitter
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
315/433MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
315/433MHz ASK Transmitter / LO Source
logo
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH71072 MELEXIS-TH71072 Datasheet
255Kb / 10P
315/433MHz ASK Transmitter / LO Source
More results


Similar Description - TH7107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
433MHz FSK/ASK Transmitter
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
315/433MHz FSK/FM/ASK Receiver
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
315/433MHz FSK/ASK Receiver
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
433MHz FSK/ASK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com