Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH71072 Datasheet (PDF) - Melexis Microelectronic Systems

TH71072 Datasheet PDF - Melexis Microelectronic Systems
Part # TH71072
Download  TH71072 Download
File Size   255.72 Kbytes
Page   10 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 315/433MHz ASK Transmitter / LO Source

TH71072 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH71072 Datasheet PDF - Melexis Microelectronic Systems

Part # TH71072
Download  TH71072 Click to download

File Size   255.72 Kbytes
Page   10 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 315/433MHz ASK Transmitter / LO Source

TH71072 Datasheet (HTML) - Melexis Microelectronic Systems


TH71072 Product details

General Description
The TH71072 ASK transmitter IC is designed for applications in the European 433MHz industrialscientific-medical (ISM) band, according to the EN 300 220 telecommunications standard. It can also be used for any other system with carrier frequencies ranging from 310 MHz to 450 MHz (e.g. for applications in the US 315MHz ISM band).

Features
❐ Fully integrated, PLL-stabilized VCO
❐ Flexible frequency range from 310 MHz to 450 MHz
❐ ASK achieved by on/off keying of internal power amplifier
❐ FM possible with external varactor
❐ Wide power supply range from 2.2 V to 5.5 V
❐ High over-all frequency accuracy
❐ Very low standby current
❐ Adjustable output power range from -15 dBm to -1 dBm
❐ Adjustable current consumption from 4.8 mA to 11.5 mA
❐ Single-ended RF output
❐ Clock output for µC drive
❐ Conforms to EN 300 220 and similar standard

Application Examples
❐ Keyless car and central locking
❐ Low-power telemetry
❐ Alarm and security systems
❐ General digital data transmission
❐ General analog audio signal transmission
❐ Local oscillator signal generation




Similar Part No. - TH71072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
ASK Transmitter / LO Source
More results


Similar Description - TH71072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH7108 ETC-TH7108 Datasheet
212Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
ASK Transmitter / LO Source
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
433MHz ASK Transmitter
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH72012 MELEXIS-TH72012_17 Datasheet
1Mb / 21P
433MHz ASK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com