Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX4073SRD Datasheet (PDF) - LUMEX INC.

SSL-LX4073SRD Datasheet PDF - LUMEX INC.
Part # SSL-LX4073SRD
Download  SSL-LX4073SRD Download
File Size   52.46 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-4.7mm 660nm SUPER RED LED.

SSL-LX4073SRD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX4073SRD Datasheet PDF - LUMEX INC.

Part # SSL-LX4073SRD
Download  SSL-LX4073SRD Click to download

File Size   52.46 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-4.7mm 660nm SUPER RED LED.

SSL-LX4073SRD Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX4073SRD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX4073SID LUMEX-SSL-LX4073SID Datasheet
51Kb / 1P
T-4.7mm 636nm SUPER HIGH INTENSITY RED LED
More results


Similar Description - SSL-LX4073SRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX433SRD ETC1-SSL-LX433SRD Datasheet
48Kb / 1P
T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
SSL-LX5063SRD ETC1-SSL-LX5063SRD Datasheet
48Kb / 1P
T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
logo
LUMEX INC.
SSL-LXA228SRC-TR21 LUMEX-SSL-LXA228SRC-TR21 Datasheet
66Kb / 1P
660nm SUPER RED AXIAL LEADED LED
SSL-LXA228SRC-TR31 LUMEX-SSL-LXA228SRC-TR31 Datasheet
68Kb / 1P
660nm SUPER RED, AXIAL LED
SSL-LX5093BSRD LUMEX-SSL-LX5093BSRD Datasheet
68Kb / 1P
QUASARBRITE T-55mm (T-1 3/4) BLINKING 660nm SUPER RED LED
SSL-LX3054SRC LUMEX-SSL-LX3054SRC Datasheet
53Kb / 2P
T-3mm (T-1) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX4064SRD LUMEX-SSL-LX4064SRD Datasheet
51Kb / 1P
T-4mm 660nm SUPER RED LED
SSL-LX4073ID LUMEX-SSL-LX4073ID Datasheet
52Kb / 1P
T-4.7mm 635nm RED LED
SSL-LX4073SID LUMEX-SSL-LX4073SID Datasheet
51Kb / 1P
T-4.7mm 636nm SUPER HIGH INTENSITY RED LED
SSL-LX5093SRD LUMEX-SSL-LX5093SRD Datasheet
69Kb / 1P
QUASARBRITE T-5mm 660nm SUPER RED LED, RED DIFFUSED LENS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com