Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2700138 Datasheet (PDF) - PHOENIX CONTACT

2700138 Datasheet PDF - PHOENIX CONTACT
Part # 2700138
Download  2700138 Download
File Size   138.55 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Siren element, 8 tones, 24 V AC/DC, max. 100 dB(A)

2700138 Datasheet (PDF)

Go To PDF Page Download Datasheet
2700138 Datasheet PDF - PHOENIX CONTACT

Part # 2700138
Download  2700138 Click to download

File Size   138.55 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Siren element, 8 tones, 24 V AC/DC, max. 100 dB(A)

2700138 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2700138

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700131 PHOENIX-2700131 Datasheet
258Kb / 7P
PSD-S OE LED BU - Optical element
2700132 PHOENIX-2700132 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700135 PHOENIX-2700135 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
More results


Similar Description - 2700138

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
logo
PHOENIX CONTACT
2700116 PHOENIX-2700116 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
2700125 PHOENIX-2700125 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
2700127 PHOENIX-2700127 Datasheet
134Kb / 5P
LED permanent light element, 24 V AC/DC
2700136 PHOENIX-2700136 Datasheet
135Kb / 5P
Buzzer element, continuous/pulse tone, 24 V AC/DC, max. 85 dB(A)
2700137 PHOENIX-2700137 Datasheet
134Kb / 5P
Siren element, pulse tone, 24 V DC, self-regulating volume, max. 100 dB(A)
2700139 PHOENIX-2700139 Datasheet
131Kb / 5P
Siren element, alternating, 24 V DC, max. 105 dB(A)
logo
Schneider Electric
XVS10GMW SCHNEIDER-XVS10GMW Datasheet
111Kb / 3P
Multi-sound Siren 120VDC 2 Tones
Aug 10, 2019
XVS14GMW SCHNEIDER-XVS14GMW Datasheet
111Kb / 3P
Multisound siren, Harmony XVS, Multi sound white, 0...105 dB, 43 tones, 8 channels, 120 V AC
Sep 20, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com