Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3205E Datasheet (PDF) - Maxim Integrated Products

MAX3205E Datasheet PDF - Maxim Integrated Products
Part # MAX3205E
Download  MAX3205E Download
File Size   303.5 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Quad, and Hex High-Speed Differential ESD-Protection ICs

MAX3205E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3205E Datasheet PDF - Maxim Integrated Products

Part # MAX3205E
Download  MAX3205E Click to download

File Size   303.5 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Quad, and Hex High-Speed Differential ESD-Protection ICs

MAX3205E Datasheet (HTML) - Maxim Integrated Products


MAX3205E Product details

General Description

The MAX3205E/MAX3207E/MAX3208E low-capacitance, ±15kV ESD-protection diode arrays with an integrated transient voltage suppressor (TVS) clamp are suitable for high-speed and general-signal ESD protection. Low input capacitance makes these devices ideal for ESD protection of signals in HDTV, PC monitors (DVI™, HDMI™), PC peripherals (FireWire®, USB 2.0), server interconnect (PCI Express™, Infiniband®), datacom, and interchassis interconnect. Each channel consists of a pair of diodes that steer ESD current pulses to VCC or GND.



Features

♦ Low Input Capacitance of 2pF Typical

♦ Low Channel-to-Channel Variation of 0.05pF from I/O to I/O

♦ High-Speed Differential or Single-Ended ESD Protection

   ±15kV–Human Body Model

   ±8kV–IEC 61000-4-2, Contact Discharge

   ±15kV–IEC 61000-4-2, Air-Gap Discharge

♦ Integrated Transient Voltage Suppressor (TVS)

♦ Optimized Pinout for Minimized Stub Instances on Controlled-Impedance Differential-Transmission Line Routing

♦ -40°C to +125°C Automotive Operating Temperature Range

♦ UCSP Packaging Available



Applications

DVI Input/Output Protection

Set-Top Boxes

PDAs/Cell Phones

Graphics Controller Cards

Displays/Projectors

High-Speed, Full-Speed and Low-Speed USB Port Protection

FireWire IEEE 1394 Ports

Consumer Equipment

High-Speed Differential Signal Protection



 




Similar Part No. - MAX3205E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX320-MAX322 MAXIM-MAX320-MAX322 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX32000 MAXIM-MAX32000 Datasheet
3Mb / 24P
High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32000EVKIT MAXIM-MAX32000EVKIT Datasheet
3Mb / 24P
High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32010 MAXIM-MAX32010 Datasheet
2Mb / 31P
25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
More results


Similar Description - MAX3205E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF113 INFINEON-BGF113 Datasheet
680Kb / 7P
Differential Microphone Filter and ESD Protection
V3.1, Jan 2009
logo
NXP Semiconductors
PESD5V0X1U NXP-PESD5V0X1U Datasheet
1Mb / 2P
High-performance ESD protection for sensitive ICs
August 2012
logo
Texas Instruments
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
Quad Channel High Speed ESD Protection Device
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
Quad Channel High Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
Dual-Channel High-Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
Quad-Channel High-Speed ESD Protection Device
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com