Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX320 Datasheet (PDF) - Maxim Integrated Products

MAX320 Datasheet PDF - Maxim Integrated Products
Part # MAX320
Download  MAX320 Download
File Size   109.96 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Dual-Supply, SPST Analog Switches

MAX320 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX320 Datasheet PDF - Maxim Integrated Products

Part # MAX320
Download  MAX320 Click to download

File Size   109.96 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Dual-Supply, SPST Analog Switches

MAX320 Datasheet (HTML) - Maxim Integrated Products


MAX320 Product details

General Description

The MAX320/MAX321/MAX322 are precision, dual, SPST analog switches designed to operate from ±3V to ±8V dual supplies. The MAX320 has two normally open (NO) switches and the MAX321 has two normally closed (NC) switches. The MAX322 has one NO and one NC switch. Low power consumption (1.25mW) makes these parts ideal for battery-powered equip ment. They offer low leakage currents (100pA max) and fast switching speeds (tON = 150ns max, tOFF = 100ns max).



Features

♦ Low On-Resistance, 35Ω max (16Ω typical)

♦ RON Matching Between Channels <2Ω

♦ RON Flatness <4Ω

♦ Guaranteed Charge Injection <5pC

♦ Bipolar Supply Operation (±3V to ±8V)

♦ Low Power Consumption, <1.25mW

♦ Low Leakage Current Over Temperature, <2.5nA at +85°C

♦ Fast Switching, tON <150ns, tOFF <100ns

♦ Guaranteed Break-Before-Make (MAX322 only)



Applications

Battery-Operated Systems

Sample-and-Hold Circuits

Heads-Up Displays

Guidance and Control Systems

Audio and Video Switching

Military Radios

Test Equipment

Communications Systems

±5V DACs and ADCs

PBX, PABX



 




Similar Part No. - MAX320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32000 MAXIM-MAX32000 Datasheet
3Mb / 24P
High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32000EVKIT MAXIM-MAX32000EVKIT Datasheet
3Mb / 24P
High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32010 MAXIM-MAX32010 Datasheet
2Mb / 31P
25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
MAX32010 MAXIM-MAX32010 Datasheet
1Mb / 26P
Easy Evaluation of the MAX32010 EV kit
Rev 0; 11/20
MAX32010CCQ MAXIM-MAX32010CCQ Datasheet
2Mb / 31P
25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
More results


Similar Description - MAX320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com