Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS323 Datasheet (PDF) - Pericom Semiconductor Corporation

PS323 Datasheet PDF - Pericom Semiconductor Corporation
Part # PS323
Download  PS323 Download
File Size   336.99 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Single-Supply SPST Analog Switches

PS323 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS323 Datasheet PDF - Pericom Semiconductor Corporation

Part # PS323
Download  PS323 Click to download

File Size   336.99 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Single-Supply SPST Analog Switches

PS323 Datasheet (HTML) - Pericom Semiconductor Corporation


PS323 Product details

Description
The PS323/PS324/PS325 are improved high-precision, medium voltage analog switches designed to operate with single power supplies. The PS323 is a dual, single-pole single-throw (SPST), normally open (NO) switch. The PS324 has the same pinout as the PS323 but it has two normally closed (NC) switches. The PS325 has one normally open (NO) and one normally closed (NC) switch per package. Each switch conducts current equally well in either direction when on. In the off state, each switch blocks voltages up to the power-supply rail.

Features
• Low On-Resistance (33-Ohm typ.) Minimizes Distortion and Error Voltages
• Low Glitching Reduces Step Errors in Sample-and-Holds. Charge Injection, 2pC typ.
• Single-Supply Operation (+2.5V to +16V)
•· Improved Second Sources for MAX323/MAX324/MAX325
• On-Resistance Matching Between Channels, <2-Ohm
• On-Resistance Flatness, <6-Ohm max.
• Low Off-Channel Leakage, <5nA @ +85°C
• TTL/CMOS Logic Compatible
• Fast Switching Speed, tON <150ns
• Guaranteed Break-Before-Make action (PS325 only) eliminates momentary crosstalk v Rail-to-Rail Analog Signal Dynamic Range
• Low Power Consumption, <5mW
• MSOP Package Minimizes Board Area

Applications
• Audio Switching and Routing
• Portable Instruments
• Data Acquisition Systems
• Sample-and-Holds
• Telecommunication Systems
• Battery-Powered Systems




Similar Part No. - PS323

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS32 GOOD-ARK-PS32 Datasheet
380Kb / 4P
Surface Mount Schottky Rectifier
logo
List of Unclassifed Man...
PS32 ETC-PS32 Datasheet
25Kb / 1P
Piercing Saw Frame & Blades
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
STANDARD VALUE
PS320240T-004-1-02 POWERTIP-PS320240T-004-1-02 Datasheet
423Kb / 28P
STANDARD VALUE
More results


Similar Description - PS323

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
August 2004
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com