Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX323 Datasheet (PDF) - Maxim Integrated Products

MAX323 Datasheet PDF - Maxim Integrated Products
Part # MAX323
Download  MAX323 Download
File Size   105.57 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Single-Supply, SPST Analog Switches

MAX323 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX323 Datasheet PDF - Maxim Integrated Products

Part # MAX323
Download  MAX323 Click to download

File Size   105.57 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Single-Supply, SPST Analog Switches

MAX323 Datasheet (HTML) - Maxim Integrated Products


MAX323 Product details

General Description
The MAX323/MAX324/MAX325 are precision, dual, SPST analog switches. They are single-supply devices designed to operate from +2.7V to +16V. The MAX323 has two normally open (NO) switches, and the MAX324 has two normally closed (NC) switches. The MAX325 has one NO and one NC switch. Low power consumption (5µW) makes these parts ideal for battery-powered equipment. These switches offer low leakage currents (100pA max) and fast switching speeds (tON = 150ns max, tOFF = 100ns max).

Features
♦ Low On-Resistance (RON), 60Ω max (33Ω typ)
♦ RON Matching Between Channels <2Ω
♦ RON Flatness <6Ω Max
♦ Guaranteed Charge Injection <5pC
♦ Single-Supply Operation (+2.7V to +16V)
♦ Low Power Consumption, <5µW
♦ Low Leakage Current Over Temperature, <2.5nA at +85°C
♦ Fast Switching: tON <150ns, tOFF <100ns
♦ Guaranteed Break-Before-Make (MAX325 only)
♦ TTL/CMOS Logic Compatible

Applications
    Battery-Operated Systems
    Sample-and-Hold Circuits
    Heads-Up Displays
    Guidance and Control Systems
    Audio and Video Switching
    Military Radios
    Test Equipment
    Communications Systems
    +3V, +5V DACs and ADCs
    PBX, PABX




Similar Part No. - MAX323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230AE MAXIM-MAX3230AE Datasheet
170Kb / 16P
±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230AEEWV+-T MAXIM-MAX3230AEEWV+-T Datasheet
170Kb / 16P
±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3230E MAXIM-MAX3230E Datasheet
170Kb / 16P
±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230EEBV-T MAXIM-MAX3230EEBV-T Datasheet
797Kb / 15P
15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
More results


Similar Description - MAX323

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
August 2004
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com