Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17043-00TR Datasheet (PDF) - IXYS Corporation

17043-00TR Datasheet PDF - IXYS Corporation
Part # 17043-00TR
Download  17043-00TR Download
File Size   202.84 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description White LED Step-Up Converter

17043-00TR Datasheet (PDF)

Go To PDF Page Download Datasheet
17043-00TR Datasheet PDF - IXYS Corporation

Part # 17043-00TR
Download  17043-00TR Click to download

File Size   202.84 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description White LED Step-Up Converter

17043-00TR Datasheet (HTML) - IXYS Corporation


17043-00TR Product details

General Description
The MX841 is a fixed frequency, constant current source step-up DC/DC converter. The output current is directly regulated making the MX841 ideal for driving series connected white light emitting diodes (LED’s) in backlight applications. The MX841 powers up to 3 series white LED’s at 1.1V, and 20 series/parallel white LED’s at 5.0V.

Features:
• 1.1V to 5.5V Input Range
• 2 Amp Peak Switch Current
• High Efficiency > 80%
• 20V Maximum Output with Over-Voltage Protection
• LED Intensity Control
• 1.0 MHz Fixed Frequency Switching
• 8 Lead SOIC Package

Applications:
• White LED Display Backlighting
   - Low Voltage: Mobile Phones, PDA’s, MP3 Players, Digital Cameras
   - High Drive Current: Vehicle Instrumentation Panels




Similar Part No. - 17043-00TR

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704301 PHOENIX-1704301 Datasheet
90Kb / 4P
Pin strip - PST 1,3/ 3-LH-5,0 C2 - 1704301
08/25/2017
1704310 PHOENIX-1704310 Datasheet
390Kb / 12P
SPT 2,5/14-V-5,0 - PCB terminal block
1704314 PHOENIX-1704314 Datasheet
90Kb / 4P
Pin strip - PST 1,3/ 3-LH-5,0 C1,2 - 1704314
08/25/2017
logo
Molex Electronics Ltd.
1704320001 MOLEX1-1704320001 Datasheet
57Kb / 2P
zQuad Small Form Factor Pluggable Plus (zQSFP) Assembly, Surface Mount
1704320002 MOLEX1-1704320002 Datasheet
56Kb / 2P
zQuad Small Form Factor Pluggable Plus (zQSFP) Assembly, Surface Mount
More results


Similar Description - 17043-00TR

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com