Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1081Q Datasheet (PDF) - Diodes Incorporated

ZXCT1081Q Datasheet PDF - Diodes Incorporated
Part # ZXCT1081Q
Download  ZXCT1081Q Download
File Size   401.95 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR

ZXCT1081Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCT1081Q Datasheet PDF - Diodes Incorporated

Part # ZXCT1081Q
Download  ZXCT1081Q Click to download

File Size   401.95 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR

ZXCT1081Q Datasheet (HTML) - Diodes Incorporated


ZXCT1081Q Product details

Description
The ZXCT1080Q and ZXCT1081Q are high side current sense monitors with a voltage output and a fixed gain of 10. Using this device eliminates the need to disrupt the ground plane when sensing a load current.

Features
• Accurate high-side current sensing
    ◾ ZXCT1080Q : 3V to 60V continuous high side voltage
    ◾ ZXCT1081Q : 3V to 40V continuous high side voltage
• -40°C to +125°C temperature range
• Output voltage scaling x10
• 4.5V to 12V VCC range
• Low quiescent current:
    ◾ 80μA supply pin
    ◾ 27μA IS+
• Green Molding in SOT25
    ◾ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
    ◾ Halogen and Antimony Free. “Green” Device (Note 3)
• Automotive Grade
    ◾ Qualified to AEC-Q100 Standards for High Reliability
    ◾ PPAP Capable (Note 4)

Applications
• Automotive current measurement
• Battery management
• Over-current measurement




Similar Part No. - ZXCT1081Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1081 DIODES-ZXCT1081 Datasheet
291Kb / 11P
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Rev 1
logo
Zetex Semiconductors
ZXCT1081E5TA ZETEX-ZXCT1081E5TA Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081E5TA ZETEX-ZXCT1081E5TA Datasheet
702Kb / 12P
High voltage high-side current monitor
More results


Similar Description - ZXCT1081Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1008 ZETEX-ZXCT1008 Datasheet
154Kb / 8P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
ZXCT1008 ZETEX-ZXCT1008_07 Datasheet
1Mb / 8P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008 Datasheet
154Kb / 9P
AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008Q DIODES-ZXCT1008Q Datasheet
774Kb / 9P
AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
Rev erse
ZXCT1009Q DIODES-ZXCT1009Q Datasheet
647Kb / 8P
AUTOMOTIVE GRADE MICROPOWER CURRENT MONITOR
Rev 1
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com