Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1081 Datasheet (PDF) - Zetex Semiconductors

ZXCT1081 Datasheet PDF - Zetex Semiconductors
Part # ZXCT1081
Download  ZXCT1081 Download
File Size   702.3 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description High voltage high-side current monitor

ZXCT1081 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCT1081 Datasheet PDF - Zetex Semiconductors

Part # ZXCT1081
Download  ZXCT1081 Click to download

File Size   702.3 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description High voltage high-side current monitor

ZXCT1081 Datasheet (HTML) - Zetex Semiconductors


ZXCT1081 Product details

Description
The ZXCT1081 is a high side current sense monitor with a gain of 10 and a voltage output. Using this device eliminates the need to disrupt the ground plane when sensing a load current.
The wide input voltage range of 40V down to as low as 3V make it suitable for a range of applications; including systems operating from industrial 24-28V rails and power supplies.
The separate supply pin (VCC) allows the device to continue functioning under short circuit conditions, giving an end stop voltage at the output.
For automotive applications the ZXCT1081 has a 60V transient capability and ambient temperature range of -40°C to 125°C.

Features
• 3V to 40V continuous high side voltage
• Accurate high-side current sensing
• Output voltage scaling x10
• 4.5V to 12V VCC range
• Low quiescent current:
   • 80µA supply pin
   • 30µA ISENSE+
• SOT23-5 package
• -40°C to 125°C ambient temperature range

Applications
• Automotive current measurement
• Industrial applications current measurement
• Battery management
• Over current monitor
• Power management
• Power adapters




Similar Part No. - ZXCT1081

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1081 DIODES-ZXCT1081 Datasheet
291Kb / 11P
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Rev 1
logo
Zetex Semiconductors
ZXCT1081E5TA ZETEX-ZXCT1081E5TA Datasheet
702Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1081Q DIODES-ZXCT1081Q Datasheet
401Kb / 11P
AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR
Rev 1
ZXCT1081QE5TA DIODES-ZXCT1081QE5TA Datasheet
401Kb / 11P
AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR
Rev 1
More results


Similar Description - ZXCT1081

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1081_0704 ZETEX-ZXCT1081_0704 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080_08 Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1080 DIODES-ZXCT1080 Datasheet
721Kb / 12P
High voltage high-side current monitor
MARCH 2008
ZXCT1081 DIODES-ZXCT1081 Datasheet
291Kb / 11P
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Rev 1
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com