Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1080 Datasheet (PDF) - Diodes Incorporated

ZXCT1080 Datasheet PDF - Diodes Incorporated
Part # ZXCT1080
Download  ZXCT1080 Download
File Size   721.28 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description High voltage high-side current monitor

ZXCT1080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCT1080 Datasheet PDF - Diodes Incorporated

Part # ZXCT1080
Download  ZXCT1080 Click to download

File Size   721.28 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description High voltage high-side current monitor

ZXCT1080 Datasheet (HTML) - Diodes Incorporated


ZXCT1080 Product details

Description
The ZXCT1080 is a high side current sense monitor with a gain of 10 and a voltage output. Using this device eliminates the need to disrupt the ground plane when sensing a load current.

Features
• 3V to 60V continuous high side voltage
• Accurate high-side current sensing
• -40 to 125°C temperature range
• AEC-Q100 Grade 1 qualified
• Output voltage scaling x10
• 4.5V to 12V VCC range
• Low quiescent current:
    o 80μA supply pin
    o 27μA IS+
• SOT25 package

Applications
• Industrial applications current measurement
• Battery management
• Over-current measurement
• Power management
• Automotive current measurement




Similar Part No. - ZXCT1080

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080 Datasheet
714Kb / 12P
High voltage high-side current monitor
ZXCT1080E5TA ZETEX-ZXCT1080E5TA Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080E5TA ZETEX-ZXCT1080E5TA Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1080Q DIODES-ZXCT1080Q Datasheet
401Kb / 11P
AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR
Rev 1
More results


Similar Description - ZXCT1080

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081_0704 ZETEX-ZXCT1081_0704 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080_08 Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1081 DIODES-ZXCT1081 Datasheet
291Kb / 11P
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Rev 1
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com