Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM1405HA Datasheet (PDF) - Nihon Inter Electronics Corporation

PDM1405HA Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDM1405HA
Download  PDM1405HA Download
File Size   70.11 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description MOSFET MODULE Dual 140A/500V

PDM1405HA Datasheet (PDF)

Go To PDF Page Download Datasheet
PDM1405HA Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDM1405HA
Download  PDM1405HA Click to download

File Size   70.11 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description MOSFET MODULE Dual 140A/500V

PDM1405HA Datasheet (HTML) - Nihon Inter Electronics Corporation


PDM1405HA Product details

MOSFET MODULE Dual 140A /500V

FEATURES
* Dual MOS FETs Cascaded Circuit
* Prevented Body Diodes of MOSFETs by SBDs, and Ultra Fast Recovery Diodes Connected in Parallel
* 300KHz High Speed Switching Possible TYPICAL APPLICATIONS
* Power Supply for the Communications and the Induction Heating




Similar Part No. - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
100Kb / 3P
140A 500V
logo
Kyocera Kinseki Corpota...
PDM1405HA KSS-PDM1405HA Datasheet
464Kb / 3P
Mosfet
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA_1 Datasheet
100Kb / 3P
140A 500V
logo
National Instruments Co...
PDM1405HA NI-PDM1405HA_15 Datasheet
100Kb / 3P
MOSFET
More results


Similar Description - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQS4903 FAIRCHILD-FQS4903 Datasheet
734Kb / 8P
500V Dual N-Channel MOSFET
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
MOSFET MODULE Dual 30A 450/500V
PD10M440H NIEC-PD10M440H Datasheet
67Kb / 3P
MOSFET MODULE DUAL 85A 450V/500V
PD4M440L NIEC-PD4M440L Datasheet
130Kb / 4P
MOSFET MODULE Dual 30A 450V/500V
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
MOSFET MODULE Dual 50A 450V/500V
PD10M440L NIEC-PD10M440L Datasheet
130Kb / 4P
MOSFET MODULE Dual 70A 450V/500V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
MOSFET MODULE Dual 50A/500V
PDM1405HA NIEC-PDM1405HA_1 Datasheet
100Kb / 3P
140A 500V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com