Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM1405HA Datasheet (PDF) - Nihon Inter Electronics Corporation

PDM1405HA Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDM1405HA
Download  PDM1405HA Download
File Size   100.23 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 140A 500V

PDM1405HA Datasheet (PDF)

Go To PDF Page Download Datasheet
PDM1405HA Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDM1405HA
Download  PDM1405HA Click to download

File Size   100.23 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 140A 500V

PDM1405HA Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
MOSFET MODULE Dual 140A/500V
logo
Kyocera Kinseki Corpota...
PDM1405HA KSS-PDM1405HA Datasheet
464Kb / 3P
Mosfet
logo
National Instruments Co...
PDM1405HA NI-PDM1405HA_15 Datasheet
100Kb / 3P
MOSFET
More results


Similar Description - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
MOSFET MODULE Dual 140A/500V
logo
Naina Semiconductor ltd...
140-NSFR NAINA-140-NSFR Datasheet
144Kb / 2P
Fast Recovery Diodes, 140A
140NSF NAINA-140NSF_17 Datasheet
144Kb / 2P
Fast Recovery Diodes, 140A
logo
Shindengen Electric Mfg...
P140LF4QL SHINDENGEN-P140LF4QL Datasheet
1Mb / 7P
Power MOSFETs 40V, 140A, N-channel
P140LF4QLK SHINDENGEN-P140LF4QLK Datasheet
1Mb / 7P
Power MOSFETs 40V, 140A, N-channel
P140LF4QN SHINDENGEN-P140LF4QN Datasheet
1Mb / 7P
Power MOSFETs 40V, 140A, N-channel
P140LF4QNK SHINDENGEN-P140LF4QNK Datasheet
1Mb / 7P
Power MOSFETs 40V, 140A, N-channel
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X140-065P1B DACO-CSRI2X140-065P1B Datasheet
1Mb / 4P
SiC SCHOTTKY DIODE TYPE 2×140A
Feb 2023 Rev. 1.1
CSRI2X140-065P2B DACO-CSRI2X140-065P2B Datasheet
516Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×140A
May 2023 Rev. 1.0
CSRI2X140-120P1B DACO-CSRI2X140-120P1B Datasheet
377Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×140A
Feb 2023 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com