Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1984Y Datasheet (PDF) - IXYS Corporation

CPC1984Y Datasheet PDF - IXYS Corporation
Part # CPC1984Y
Download  CPC1984Y Download
File Size   141.33 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 600V, 1A, Normally Open SIP Power Relay

CPC1984Y Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1984Y Datasheet PDF - IXYS Corporation

Part # CPC1984Y
Download  CPC1984Y Click to download

File Size   141.33 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 600V, 1A, Normally Open SIP Power Relay

CPC1984Y Datasheet (HTML) - IXYS Corporation




Similar Part No. - CPC1984Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1984Y LITTELFUSE-CPC1984Y Datasheet
197Kb / 6P
SIP Power Relay
11/18/2025
More results


Similar Description - CPC1984Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
1Mb / 5P
Power MOSFET Photovoltaic Relay Single Pole, Normally Open
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1907B IXYS-CPC1907B Datasheet
113Kb / 6P
Single-Pole, Normally Open Power SOIC OptoMOS Relay
logo
Pasternack Enterprises,...
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
logo
IXYS Corporation
CPC1218 IXYS-CPC1218 Datasheet
107Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
CPC1217 IXYS-CPC1217 Datasheet
114Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
CPC1561B IXYS-CPC1561B Datasheet
265Kb / 9P
60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com