Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ER Datasheet (PDF) - STMicroelectronics

ST485ER Datasheet PDF - STMicroelectronics
Part # ST485ER
Download  ST485ER Download
File Size   303.9 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER

ST485ER Datasheet (PDF)

Go To PDF Page Download Datasheet
ST485ER Datasheet PDF - STMicroelectronics

Part # ST485ER
Download  ST485ER Click to download

File Size   303.9 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER

ST485ER Datasheet (HTML) - STMicroelectronics


ST485ER Product details

Description

The ST485E is al low power transceiver for RS-485 and RS-422 communication. Each driver output and receiver input is protected against ±15KV electrostatic discharge (H.B.M.) ±8KV (IEC-1000-4-2 contact discharge) shocks, without latchup. These parts contain one driver and one receiver.



General features

■ Low quiescent current: 300µA

■ Designed for RS-485 interface application

■ -7V to 12V common mode input voltage range

■ Driver maintains high impedance in 3-state or with the power OFF

■ 70mV tipycal input hysteresis

■ 30ns propagation delay, 5ns skew

■ Operate from a single 5V supply

■ Current limiting and thermal shutdown for driver overload protection

■ ESD protection:

  – ±15KV (H.B.M.)

  – ±8KV (IEC-1000-4-2 contact discharge)

■ Allows up to 256 transceivers on the bus



 




Similar Part No. - ST485ER

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485ERBDR STMICROELECTRONICS-ST485ERBDR Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485ERBN STMICROELECTRONICS-ST485ERBN Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
More results


Similar Description - ST485ER

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
April 21, 2005
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com