Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8339 Datasheet (PDF) - STMicroelectronics

8339 Datasheet PDF - STMicroelectronics
Part # 8339
Download  8339 Download
File Size   303.82 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER

8339 Datasheet (PDF)

Go To PDF Page Download Datasheet
8339 Datasheet PDF - STMicroelectronics

Part # 8339
Download  8339 Click to download

File Size   303.82 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER

8339 Datasheet (HTML) - STMicroelectronics


8339 Product details

DESCRIPTION
The ST485E is al low power transceiver for RS-485 and RS-422 communication. Each driver output and receiver input is protected against ±15KV electrostatic discharge (H.B.M.) (ESD) shocks, without latcup. These parts contain one driver and one receiver in half duplex configuration.
This transceiver draw 300µA (typ.) of supply current when unloaded or fully loaded with disabled drivers.

■ LOW QUIESCENT CURRENT: 300µA
■ DESIGNED FOR RS-485 INTERFACE APPLICATIONS
■ -7V TO 12V COMMON MODE INPUT VOLTAGE RANGE
■ DRIVER MAINTAINS HIGH IMPEDANCE IN 3-STATE OR WITH THE POWER OFF
■ 70mV TYPICAL INPUT HYSTERESIS
■ 30ns PROPAGATION DELAYS, 5ns SKEW
■ OPERATE FROM A SINGLE 5V SUPPLY
■ CURRENT LIMITING AND THERMAL SHUTDOWN FOR DRIVER OVERLOAD PROTECTION
■ ESD PROTECTION:
    ±15KV (H.B.M.)
    ±8KV (IEC-1000-4-2 CONTACT DISCHARGE)
■ ALLOWS UP TO 64 TRANSCEIVERS ON THE BUS




Similar Part No. - 8339

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8339 FILTRAN-8339 Datasheet
162Kb / 1P
RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector
logo
List of Unclassifed Man...
8339 ETC2-8339 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
API Technologies Corp
8339 APITECH-8339 Datasheet
673Kb / 1P
Combo Jack with 100 Base-T Magnetics
More results


Similar Description - 8339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com