Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8339 Datasheet (PDF) - Filtran LTD

8339 Datasheet PDF - Filtran LTD
Part # 8339
Download  8339 Download
File Size   162.08 Kbytes
Page   1 Pages
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD
Description RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector

8339 Datasheet (PDF)

Go To PDF Page Download Datasheet
8339 Datasheet PDF - Filtran LTD

Part # 8339
Download  8339 Click to download

File Size   162.08 Kbytes
Page   1 Pages
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD
Description RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector

8339 Datasheet (HTML) - Filtran LTD


8339 Product details

RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector

• UL94V-0 rated connector housing
• Meets OCL specifications of 350µH Min with 8mADC Bias
• Contact Plating: 6µ-inch gold flashed
• USB connectors: 3µ-inch gold flashed
• Compatible with a variety of 10/100 transceiver ICs
• Extended operating temperature: -40°C to +85°C




Similar Part No. - 8339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
List of Unclassifed Man...
8339 ETC2-8339 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
API Technologies Corp
8339 APITECH-8339 Datasheet
673Kb / 1P
Combo Jack with 100 Base-T Magnetics
More results


Similar Description - 8339

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8321 FILTRAN-8321 Datasheet
139Kb / 1P
RJ-45/USB 10/100 BASE-T Module with Dual USB
8324 FILTRAN-8324 Datasheet
141Kb / 1P
RJ-45/USB 10/100 BASE-T Module with Dual USB
8327 FILTRAN-8327 Datasheet
148Kb / 1P
RJ-45 1000 BASE-T Magnetics
8330 FILTRAN-8330 Datasheet
140Kb / 1P
RJ-45 Connector with 100 Base-TX Magnetics
logo
PCA ELECTRONICS INC.
EPJ9102 PCA-EPJ9102 Datasheet
61Kb / 1P
Single USB / RJ-45 Filter Port Jack
EPJ9103 PCA-EPJ9103 Datasheet
53Kb / 1P
Dual USB / RJ-45 Filter Port Jack with 10/100Base-TX
logo
MPS Industries, Inc.
N5101 MPSIND-N5101 Datasheet
531Kb / 3P
1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
logo
PCA ELECTRONICS INC.
EPJ9102 PCA-EPJ9102_15 Datasheet
65Kb / 1P
Single USB / RJ-45 Filter Port Jack
EPJ9103 PCA-EPJ9103_15 Datasheet
57Kb / 1P
Dual USB / RJ-45 Filter Port Jack
logo
API Technologies Corp
8339 APITECH-8339 Datasheet
673Kb / 1P
Combo Jack with 100 Base-T Magnetics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com