Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8339 Datasheet (PDF) - API Technologies Corp

8339 Datasheet PDF - API Technologies Corp
Part # 8339
Download  8339 Download
File Size   673.14 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description Combo Jack with 100 Base-T Magnetics

8339 Datasheet (PDF)

Go To PDF Page Download Datasheet
8339 Datasheet PDF - API Technologies Corp

Part # 8339
Download  8339 Click to download

File Size   673.14 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description Combo Jack with 100 Base-T Magnetics

8339 Datasheet (HTML) - API Technologies Corp


8339 Product details

RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector

• UL94V-0 rated connector housing
• Meets OCL specifications of 350µH Min with 8mADC Bias
• Contact Plating: 6µ-inch gold flashed
• USB connectors: 3µ-inch gold flashed
• Compatible with a variety of 10/100 transceiver ICs
• Extended operating temperature: -40°C to +85°C




Similar Part No. - 8339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Filtran LTD
8339 FILTRAN-8339 Datasheet
162Kb / 1P
RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector
logo
List of Unclassifed Man...
8339 ETC2-8339 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
114Kb / 2P
LED SPACER MOUNTS
More results


Similar Description - 8339

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8339 FILTRAN-8339 Datasheet
162Kb / 1P
RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector
logo
Adam Technologies, Inc.
MTJ-88CX1-FSP-PG-LG-M2 ADAM-TECH-MTJ-88CX1-FSP-PG-LG-M2 Datasheet
400Kb / 6P
MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T
logo
Superworld Electronics
CPCM681682 SUPERWORLD-CPCM681682 Datasheet
278Kb / 2P
10/100 Base-T Magnetics Modules
logo
Bothhand USA, LP.
24STS1267A BOTHHAND-24STS1267A Datasheet
266Kb / 1P
10/100 BASE-T MAGNETICS MODULES
24STS1267 BOTHHAND-24STS1267 Datasheet
266Kb / 1P
10/100 BASE-T MAGNETICS MODULES
24ST1284-3B BOTHHAND-24ST1284-3B Datasheet
291Kb / 1P
10/100 BASE T-MAGNETICS MODULES
24ST1285-3 BOTHHAND-24ST1285-3 Datasheet
295Kb / 1P
10/100 BASE T-MAGNETICS MODULES
24ST1285A-3-LF BOTHHAND-24ST1285A-3-LF Datasheet
325Kb / 1P
10/100 BASE T-MAGNETICS MODULES
24ST1285A-4 BOTHHAND-24ST1285A-4 Datasheet
292Kb / 1P
10/100 BASE T-MAGNETICS MODULES
TST1284A BOTHHAND-TST1284A Datasheet
294Kb / 1P
10/100 BASE-T MAGNETICS MODULES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com