Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8339 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 8339
Description  ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8339 Datasheet(HTML) 1 Page - STMicroelectronics

  8339 Datasheet HTML 1Page - STMicroelectronics 8339 Datasheet HTML 2Page - STMicroelectronics 8339 Datasheet HTML 3Page - STMicroelectronics 8339 Datasheet HTML 4Page - STMicroelectronics 8339 Datasheet HTML 5Page - STMicroelectronics 8339 Datasheet HTML 6Page - STMicroelectronics 8339 Datasheet HTML 7Page - STMicroelectronics 8339 Datasheet HTML 8Page - STMicroelectronics 8339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
September 2003
s
LOW QUIESCENT CURRENT: 300
µA
s
DESIGNED FOR RS-485 INTERFACE
APPLICATIONS
s
-7V TO 12V COMMON MODE INPUT
VOLTAGE RANGE
s
DRIVER MAINTAINS HIGH IMPEDANCE IN
3-STATE ORWITHTHE POWER OFF
s
70mV TYPICAL INPUT HYSTERESIS
s
30ns PROPAGATION DELAYS, 5ns SKEW
s
OPERATE FROM A SINGLE 5V SUPPLY
s
CURRENT LIMITING AND THERMAL
SHUTDOWN FOR DRIVER OVERLOAD
PROTECTION
s
ESD PROTECTION:
±15KV (H.B.M.)
±8KV (IEC-1000-4-2 CONTACT
DISCHARGE)
s
ALLOWS UP TO 64 TRANSCEIVERS ON
THE BUS
DESCRIPTION
The ST485E is al low power transceiver for
RS-485 and RS-422 communication. Each driver
output and receiver input is protected against
±15KV electrostatic discharge (H.B.M.) (ESD)
shocks, without latcup. These parts contain one
driver
and
one
receiver
in
half
duplex
configuration.
This transceiver draw 300
µA (typ.) of supply
current when unloaded or fully loaded with
disabled drivers.
It operates from a single 5V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state.
The ST485E is designed for bi-directional data
communications on multipoint bus transmission
line (half-duplex applications).
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST485ECN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST485EBN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST485EXN
-55 to 125 °C
DIP-8
50parts per tube / 40tube per box
ST485ECD
0 to 70 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485EBD
-40 to 85 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485EXD
-55 to 125 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485ECDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST485EBDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST485EXDR
-55 to 125 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST485E
±15KV ESD PROTECTED, LOW POWER
RS-485/RS-422 TRANSCEIVER
DIP
SOP


Similar Part No. - 8339

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8339 FILTRAN-8339 Datasheet
162Kb / 1P
RJ-45/USB Combo Jack with 100 Base-T Magnetics and Dual USB Connector
logo
List of Unclassifed Man...
8339 ETC2-8339 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8339 ETC2-8339 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
API Technologies Corp
8339 APITECH-8339 Datasheet
673Kb / 1P
Combo Jack with 100 Base-T Magnetics
More results

Similar Description - 8339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com