Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLN119 Datasheet (PDF) - Toshiba Semiconductor

TLN119 Datasheet PDF - Toshiba Semiconductor
Part # TLN119
Download  TLN119 Download
File Size   224.18 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.

TLN119 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLN119 Datasheet PDF - Toshiba Semiconductor

Part # TLN119
Download  TLN119 Click to download

File Size   224.18 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.

TLN119 Datasheet (HTML) - Toshiba Semiconductor


TLN119 Product details

Lead(Pb)-Free
Printers, Fax Machines
Home Electric Equipment
Opto−Electronic Switches
   
• φ3.1mm plastic package
• Radiant intensity: IE = 5mW / sr (typ.)
• Harf−angle value: θ1 / 2 = ±30°(typ.)
   




Similar Part No. - TLN119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN119 TOSHIBA-TLN119 Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
TLN119F TOSHIBA-TLN119F Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
More results


Similar Description - TLN119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8508AF TOSHIBA-TA8508AF Datasheet
890Kb / 23P
R/W IC FOR FLOPPY DISK DRIVE
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
Floppy Disk Drive Spindle Motor Driver
logo
Hitachi Semiconductor
HA16640 HITACHI-HA16640 Datasheet
443Kb / 8P
WRITE/MECHANISM CONTROLLER FOR FLOPPY DISK DRIVE
logo
Toshiba Semiconductor
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
logo
fujitsu semiconductor
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
FLOPPY DISK VFO
logo
Toshiba Semiconductor
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
Copiers, Printers, Fax Machines
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com