Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1255 Datasheet (PDF) - Toshiba Semiconductor

TLP1255 Datasheet PDF - Toshiba Semiconductor
Part # TLP1255
Download  TLP1255 Download
File Size   192.39 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Copiers, Printers and Fax Machines Air Conditioners Game Machines

TLP1255 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP1255 Datasheet PDF - Toshiba Semiconductor

Part # TLP1255
Download  TLP1255 Click to download

File Size   192.39 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Copiers, Printers and Fax Machines Air Conditioners Game Machines

TLP1255 Datasheet (HTML) - Toshiba Semiconductor


TLP1255 Product details

Copiers, Printers and Fax Machines
Air Conditioners
Game Machines

The TLP1255 (C8,Q) is a compact photointerrupter with a built-in connector, which uses a GaAs infrared LED and a Si photo-IC. Designed for 3.3/5 V systems, the device can operate at temperatures of up to 95°C. When the light is shielded, outputs are at high level.

Small package
Compared to Toshiba’s TLP1253 (C6,Q) , the volume and the
mounting area of the TLP1255 (C8,Q) are reduced to 70%
and 75% respectively.
Three board thicknesses supported: 1.0 mm, 1.2 mm and 1.6 mm
Gap: 5 mm
Resolution: Slit width = 0.7 mm
Designed for 3.3 /5 V system
High-temperature operation: Topr = 95°C (max)
Low current consumption: ICC = 14 mA (max)
Digital output (open collector)
Mini CT connector (1.5 mm pitch MT RECEPTACLE ASSEMBLY / HOUSING CRIMP TYPE) made by Tyco Electronics AMP, Ltd.
Package and connector material: Polycarbonate (UL94V-2)
Lead(Pb)-Free Finish

Supply voltage VCC 7.5 V
Output voltage VO 15 V
Low level output current (Ta = Topr) IOL 16 mA
Operating temperature range Topr −30 to 95 °C
Storage temperature range Tstg −40 to 100 °C




Similar Part No. - TLP1255

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP120 TOSHIBA-TLP120 Datasheet
529Kb / 7P
GaAs IREO & PHOTO-TRANSISTOR
TLP120-4 TOSHIBA-TLP120-4 Datasheet
529Kb / 7P
GaAs IREO & PHOTO-TRANSISTOR
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
logo
Toshiba Semiconductor
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results


Similar Description - TLP1255

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
Copiers, Printers, Fax Machines
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
OA equipments such as Fax machines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com