Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP121 Datasheet (PDF) - Toshiba Semiconductor

TLP121 Datasheet PDF - Toshiba Semiconductor
Part # TLP121
Download  TLP121 Download
File Size   357.38 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE PROGRAMMABLE CONTROLLERS

TLP121 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP121 Datasheet PDF - Toshiba Semiconductor

Part # TLP121
Download  TLP121 Click to download

File Size   357.38 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE PROGRAMMABLE CONTROLLERS

TLP121 Datasheet (HTML) - Toshiba Semiconductor


TLP121 Product details

Photocoupler GaAs Ired & Photo−Transistor

Office Machine Programmable Controllers AC / DC−Input Module Telecommunication



The TOSHIBA mini flat coupler TLP121 is a small outline coupler, suitable for surface mount assembly. TLP121 consists of a photo transistor, optically coupled to a gallium arsenide infrared emitting diode.



Collector−emitter voltage: 80V (min.)

Current transfer ratio: 50% (min.)

   Rank GB: 100% (min.)

Isolation voltage: 3750Vrms (min.)

UL recognized: UL1577, file no. E67349




Similar Part No. - TLP121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP1210SATG ETC2-TLP1210SATG Datasheet
528Kb / 5P
12 outlet, 10-ft cord, 3600 joules, 2-line coax, 1-line RJ11/RJ45 combo protection Eco Home/Business
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Similar Description - TLP121

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
Office Machine Programmable Controllers
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com