Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP124 Datasheet (PDF) - Toshiba Semiconductor

TLP124 Datasheet PDF - Toshiba Semiconductor
Part # TLP124
Download  TLP124 Download
File Size   162.0 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Office Machine Programmable Controllers AC / DC.Input Module Telecommunication

TLP124 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP124 Datasheet PDF - Toshiba Semiconductor

Part # TLP124
Download  TLP124 Click to download

File Size   162.0 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Office Machine Programmable Controllers AC / DC.Input Module Telecommunication

TLP124 Datasheet (HTML) - Toshiba Semiconductor


TLP124 Product details

Office Machine

Programmable Controllers AC / DC−Input Module Telecommunication



The TOSHIBA mini flat coupler TLP124 is a small outline coupler, suitable for surface mount assembly.

TLP124 consists of a photo transistor optically coupled to a gallium arsenide infrared emitting diode.



•  Collector−emitter voltage: 80 V min.

•  Current transfer ratio: 100% min.

                        Rank BV: 200% min.

•  Isolation voltage: 3750Vrms min.

•  UL recognized: UL1577, file No. E67349




Similar Part No. - TLP124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP124 TOSHIBA-TLP124 Datasheet
182Kb / 8P
Photo−Transistor Office Machine
TLP124 TOSHIBA-TLP124 Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
Photo-interrupter Infrared LEDPhototransistor
TLP1243 TOSHIBA-TLP1243 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP1243C8 TOSHIBA-TLP1243C8 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
More results


Similar Description - TLP124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
Office Machine Programmable Controllers
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers
TLP371F TOSHIBA-TLP371F Datasheet
193Kb / 8P
Office Machine Household Use Equipment Telecommunication Solid State Relay Programmable Controllers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com