Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP120 Datasheet (PDF) - Toshiba Semiconductor

TLP120 Datasheet PDF - Toshiba Semiconductor
Part # TLP120
Download  TLP120 Download
File Size   162.59 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controllers AC / DC.Input Module Telecommunication

TLP120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP120 Datasheet PDF - Toshiba Semiconductor

Part # TLP120
Download  TLP120 Click to download

File Size   162.59 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controllers AC / DC.Input Module Telecommunication

TLP120 Datasheet (HTML) - Toshiba Semiconductor


TLP120 Product details

Programmable Controllers

AC / DC−Input Module Telecommunication



The TOSHIBA mini flat coupler TLP120 is a small outline coupler, suitable for surface mount assembly.

TLP120 consists of a photo transistor, optically coupled to two gallium arsenide infrared emitting diode connected inverse parallel, and can operate directly by AC input current.



• Collector−emitter voltage: 80 V (min.)

• Current transfer ratio: 50% (min.)

                   Rank GB: 100% (min.)

• Isolation voltage: 3750Vrms (min.)

• UL recognized: UL1577, file no. E67349



 




Similar Part No. - TLP120

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
529Kb / 7P
GaAs IREO & PHOTO-TRANSISTOR
TLP120-4 TOSHIBA-TLP120-4 Datasheet
529Kb / 7P
GaAs IREO & PHOTO-TRANSISTOR
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
More results


Similar Description - TLP120

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
Programmable Controllers AC / DC.Input Module Telecommunication
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com