Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X76F101 Datasheet (PDF) - Xicor Inc.

X76F101 Datasheet PDF - Xicor Inc.
Part # X76F101
Download  X76F101 Download
File Size   94.88 Kbytes
Page   17 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Secure SerialFlash

X76F101 Datasheet (PDF)

Go To PDF Page Download Datasheet
X76F101 Datasheet PDF - Xicor Inc.

Part # X76F101
Download  X76F101 Click to download

File Size   94.88 Kbytes
Page   17 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Secure SerialFlash

X76F101 Datasheet (HTML) - Xicor Inc.


X76F101 Product details

DESCRIPTION
The X76F101 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array. Access to the memory array can be controlled by two 64-bit passwords. These passwords protect read and write operations of the memory array.

FEATURES
• 64-bit Password Security
• One Array (112 Bytes) Two Passwords
    —Read Password
    —Write Password
• Programmable Passwords
• 32-bit Response to Reset (RST Input)
• 8 byte Sector Write mode
• 1MHz Clock Rate
• 2 wire Serial Interface
• Low Power CMOS
    —3.0 to 5.5V operation
    —Standby current Less than 1µA
    —Active current less than 3 mA
• High Reliability Endurance:
    —100,000 Write Cycles
• Data Retention: 100 years
• Available in:
    —8 lead PDIP, SOIC, MSOP and ISO Card
    —SmartCard Module




Similar Part No. - X76F101

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
Secure SerialFlash
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
Secure SerialFlash
X76F101HG ICMIC-X76F101HG Datasheet
371Kb / 17P
Secure SerialFlash
X76F101HG-3.0 ICMIC-X76F101HG-3.0 Datasheet
371Kb / 17P
Secure SerialFlash
More results


Similar Description - X76F101

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
Secure SerialFlash
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
logo
IC MICROSYSTEMS
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
Secure SerialFlash
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
Secure SerialFlash
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com