Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F064 Datasheet (PDF) - Xicor Inc.

X25F064 Datasheet PDF - Xicor Inc.
Part # X25F064
Download  X25F064 Download
File Size   71.48 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SerialFlash??Memory With Block LockTM Protection

X25F064 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25F064 Datasheet PDF - Xicor Inc.

Part # X25F064
Download  X25F064 Click to download

File Size   71.48 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SerialFlash??Memory With Block LockTM Protection

X25F064 Datasheet (HTML) - Xicor Inc.


X25F064 Product details

DESCRIPTION

The X25F064/032/016/008 family are 8/16/32/64K-bit CMOS SerialFlash memory, internally organized X 8. They feature a “Univolt” Program and Read voltage, Serial Peripheral Interface (SPI), and software protocol

allowing operation on a simple three-wire bus. The bus signals are a clock input (SCK), plus separate data in

(SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any

number of devices to share the same bus.



FEATURES

• 1MHz Clock Rate

• SPI Serial Interface

• 64K/32K/16K/8K Bits

—32 Byte Small Sector Program Mode

• Low Power CMOS

—<1µA Standby Current

—<5mA Active Current

• 1.8V – 3.6V or 5V “Univolt” Read and Program Power Supply Versions

• Block Lock Protection

—Protect 1/4, 1/2, or all of E2PROM Array

• Built-in Inadvertent Program Protection

—Power-Up/Power-Down protection circuitry

—Program Enable Latch

—Program Protect Pin

• Self-Timed Program Cycle

—5ms Program Cycle Time (Typical)

• High Reliability

—Endurance: 100,000 cycles per byte

—Data Retention: 100 Years

—ESD protection: 2000V on all pins

• 8-Lead PDlP Package

• 8-Lead 150 mil SOIC Packages

• 32K, 16K, 8K available in 14-Lead TSSOP, 64K available in 20-Lead TSSOP



 




Similar Part No. - X25F064

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
X25F047M XICOR-X25F047M Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
X25F047M-5 XICOR-X25F047M-5 Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
X25F047MI XICOR-X25F047MI Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
X25F047MI-5 XICOR-X25F047MI-5 Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
More results


Similar Description - X25F064

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
Advanced SPI Serial E2PROM With Block LockTM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com