Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F047 Datasheet (PDF) - Xicor Inc.

X25F047 Datasheet PDF - Xicor Inc.
Part # X25F047
Download  X25F047 Download
File Size   72.3 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI SerialFlash with Block Lock TM Protection

X25F047 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25F047 Datasheet PDF - Xicor Inc.

Part # X25F047
Download  X25F047 Click to download

File Size   72.3 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI SerialFlash with Block Lock TM Protection

X25F047 Datasheet (HTML) - Xicor Inc.


X25F047 Product details

DESCRIPTION
The X25F047 is a CMOS 4K-bit SerialFlash, internally organized as 512 x 8. The X25F047 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple four-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus.
   
FEATURES
• 1MHz Clock Rate
• SPI Modes (0,0 & 1,1)
• 512 x 8 Bits
    —16 Byte Small Sector Program Mode
• Low Power CMOS
    —<1µA Standby Current
    —<3mA Active Current during Program
    —<400µA Active Current during Read
• 1.8V to 3.6V or 5V “Univolt” Read and Program Power Supply Versions
• Block Lock Protection
    —Block Lock Protect 0, any 1/4, 1st 1/2, First or Last Sector of SerialFlash Array
• Built-in Inadvertent Program Protection
    —Power-Up/Power-Down Protection Circuitry
    —Program Enable Latch
    —Program Protect Pin
• Self-Timed Program Cycle
    —5ms Program Cycle Time (Typical)
• High Reliability
    —Endurance: 100,000 Cycles/Byte
    —Data Retention: 100 Years
    —ESD: 2000V on all pins
• 8-Lead SOIC Package
• 8-Lead MSOP Package
• 8-Lead TSSOP Package
• 8-Pin Mini-DIP Package
   




Similar Part No. - X25F047

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F008 XICOR-X25F008 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008P XICOR-X25F008P Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008P-5 XICOR-X25F008P-5 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008PE XICOR-X25F008PE Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008PE-5 XICOR-X25F008PE-5 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
More results


Similar Description - X25F047

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
2-Wire SerialFlash with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com