Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24F128 Datasheet (PDF) - Xicor Inc.

X24F128 Datasheet PDF - Xicor Inc.
Part # X24F128
Download  X24F128 Download
File Size   80.7 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 2-Wire SerialFlash with Block Lock TM Protection

X24F128 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24F128 Datasheet PDF - Xicor Inc.

Part # X24F128
Download  X24F128 Click to download

File Size   80.7 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 2-Wire SerialFlash with Block Lock TM Protection

X24F128 Datasheet (HTML) - Xicor Inc.


X24F128 Product details

DESCRIPTION
The X24F128 is a CMOS SerialFlash Memory, internally organized 16K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus.

FEATURES
• Save Critical Data With Programmable Block Lock Protection
    —Block Lock (0, 1/4, 1/2, or all of E2PROM Array)
    —Software Program Protection
    —Programmable Hardware Program Protect
• In Circuit Programmable ROM Mode
• Longer Battery Life With Lower Power
    —Active Read Current Less Than 1mA
    —Active Program Current Less Than 3mA
    —Standby Current Less Than 1µA
• 1.8V to 3.6V or 5V “Univolt” Read and Program Power Supply Versions
• 32 Word Sector Program Mode
    —Minimizes Total Program Time Per Word
• 100KHz 2-Wire Serial Interface
• Internally Organized 16K x 8
• Bidirectional Data Transfer Protocol
• Self-Timed Program Cycle
    —Typical Program Cycle Time of 5ms
• High Reliability
    —Endurance: 100,000 Cycles
    —Data Retention: 100 Years
• 8-Lead DIP
• 16-Lead SOIC




Similar Part No. - X24F128

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F016 XICOR-X24F016 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X24F016P XICOR-X24F016P Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X24F016PE XICOR-X24F016PE Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
More results


Similar Description - X24F128

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com