Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25128 Datasheet (PDF) - Xicor Inc.

X25128 Datasheet PDF - Xicor Inc.
Part # X25128
Download  X25128 Download
File Size   77.62 Kbytes
Page   15 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI Serial E 2 PROM with Block Lock TM Protection

X25128 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25128 Datasheet PDF - Xicor Inc.

Part # X25128
Download  X25128 Click to download

File Size   77.62 Kbytes
Page   15 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SPI Serial E 2 PROM with Block Lock TM Protection

X25128 Datasheet (HTML) - Xicor Inc.


X25128 Product details

DESCRIPTION

The X25128 is a CMOS 131,072-bit serial E2PROM, internally organized as 16K x 8. The X25128 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple three-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus.



FEATURES

•2MHz Clock Rate

•SPI Modes (0,0 & 1,1)

•16K X 8 Bits

—32 Byte Page Mode

•Low Power CMOS

—<1µA Standby Current

—<5mA Active Current

•2.7V To 5.5V Power Supply

•Block Lock Protection

—Protect 1/4, 1/2 or all of E2 PROM Array

•Built-in Inadvertent Write Protection

—Power-Up/Power-Down protection circuitry

—Write Enable Latch

—Write Protect Pin

•Self-Timed Write Cycle

—5ms Write Cycle Time (Typical)

•High Reliability

—Endurance: 100,000 cycles

—Data Retention: 100 Years

—ESD protection: 2000V on all pins

•14-Lead SOIC Package

•16-Lead SOIC Package

•8-Lead PDIP Package




Similar Part No. - X25128

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25128FP ICMIC-X25128FP Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25128FS ICMIC-X25128FS Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25128FS14 ICMIC-X25128FS14 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
More results


Similar Description - X25128

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
SPI SerialFlash with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
5MHz SPI Serial E2 PROM with Block Lock Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com