Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680 Datasheet (PDF) - Analog Devices

AD7680 Datasheet PDF - Analog Devices
Part # AD7680
Download  AD7680 Download
File Size   200.1 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23

AD7680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7680 Datasheet PDF - Analog Devices

Part # AD7680
Download  AD7680 Click to download

File Size   200.1 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23

AD7680 Datasheet (HTML) - Analog Devices


AD7680 Product details

GENERAL DESCRIPTION

The AD7680 is a 16-bit, fast, low power, successive approximation ADC. The part operates from a single 2.5 V to 5.5 V power supply and features throughput rates up to 100 kSPS. The part contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 7 MHz.



FEATURES

Fast throughput rate: 100 kSPS

Specified for VDDof 2.5 V to 5.5 V

Low power

   3 mW typ at 100 kSPS with 2.5 V supply

   3.9 mW typ at 100 kSPS with 3 V supply

   16.7 mW typ at 100 kSPS with 5 V supply

Wide input bandwidth

   86 dB SNR at 10 kHz input frequency

Flexible power/serial clock speed management

No pipeline delays

High speed serial interface

   SPI®/QSPI™/µWire/DSP compatible

Standby mode: 0.5 µA max

6-Lead SOT-23 and 8-Lead MSOP packages



APPLICATIONS

Battery-powered systems:

Personal digital assistants

Medical instruments

Mobile communications

Instrumentation and control systems

Remote data acquisition systems

High speed modems

Optical sensors




Similar Part No. - AD7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7680 AD-AD7680 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7680 AD-AD7680 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7680 AD-AD7680 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7680 AD-AD7680 Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7680 AD-AD7680 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results


Similar Description - AD7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7940 AD-AD7940 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7940BRJ AD-AD7940BRJ Datasheet
354Kb / 20P
3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
5/11-Rev. 0 to Rev. A
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
14-Bit ADC in 6-Lead SOT-23
8/11-Rev. 0 to Rev. A
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com