Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7680
Description  3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 2 Page - Analog Devices

  AD7680 Datasheet HTML 1Page - Analog Devices AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. PrE
AD7680–SPECIFICATIONS1
(VDD = +2.5 V to +5.25 V, fSCLK = 2.5MHz, fSAMPLE = 100Ksps unless otherwise
noted; TA = TMIN to TMAX, unless otherwise noted.)
PRELIMINARY TECHNICAL DATA
Parameter
B Version1
Units
Test Conditions/Comments
3V
5V
DYNAMIC PERFORMANCE
FIN = 10kHz Sine Wave
Signal to Noise + Distortion (SINAD)
2
81
dB min
Signal to Noise Ratio (SNR)
2
82
83
dB min
85
86
dB typ
Total Harmonic Distortion (THD)
2
-95
-95
dB typ
Peak Harmonic or Spurious Noise (SFDR)
2
-99
-99
dB typ
Intermodulation Distortion (IMD)
2
Second Order Terms
-90
-90
dB typ
Third Order Terms
-90
-90
dB typ
Aperture Delay
10
10
ns max
Aperture Jitter
30
30
ps typ
Full Power Bandwidth
TBD
MHz typ @ 3 dB
TBD
MHz typ
@ 0.1 dB
DC ACCURACY
No missing Codes
15
14
Bits min
Integral Nonlinearity
3
±4
±4
LSB max
Offset Error
3
±5
±5
LSB max
Gain Error
3
±5
±10
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
Volts
DC Leakage Current
±1
µA max
Input Capacitance
30
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.4
0.8
V max
Input Current, IIN
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN
2,3
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD -0.2
V min
ISOURCE = 200 µA; VDD = 2.5 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK =200 µA
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance
2,3
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion
Time
8
µs max
20 SCLK cycles with SCLK at 2.5MHz
9.6
µs max
24 SCLK cycles with SCLK at 2.5MHz
Track/Hold Acquisition Time
500
ns max
Full-scale step input
400
ns max
Sine wave input <= 10KHz
Throughput
Rate
100
kSPS
See Serial Interface Section
POWER REQUIREMENTS
VDD
+2.5/+5.25
V min/max
IDD
Digital I/Ps = 0V or VDD.
Normal Mode(Static)
0.95
3.55
mA max
SCLK on or off.
Normal Mode (Operational)
0.9
3.25
mA max
FSAMPLE = 100 kSPS
Full Power-Down Mode
0.5
0.5
µA max
SCLK on or off.
Power Dissipation
4
Normal Mode (Operational)
2.85
16.25 mW max
FSAMPLE = 100 kSPS
Full Power-Down
1.5
2.5
µW max
NOTES
1Temperature ranges as follows: B Version: –40°C to +85°C.
2See Terminology.
3Sample tested @ +25°C to ensure compliance.
4See POWER VERSUS THROUGHPUT RATE section.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com