Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG633YCP Datasheet (PDF) - Analog Devices

ADG633YCP Datasheet PDF - Analog Devices
Part # ADG633YCP
Download  ADG633YCP Download
File Size   546.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS V/5 V/3 V Triple SPDT Switch

ADG633YCP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG633YCP Datasheet PDF - Analog Devices

Part # ADG633YCP
Download  ADG633YCP Click to download

File Size   546.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS V/5 V/3 V Triple SPDT Switch

ADG633YCP Datasheet (HTML) - Analog Devices


ADG633YCP Product details

GENERAL DESCRIPTION
The ADG633 is a low voltage CMOS device comprising three independently selectable single-pole, double-throw (SPDT) switches. The device is fully specified for ±5 V, +5 V, and +3 V supplies. The ADG633 switches are turned on with a logic low (or high) on the appropriate control input. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. An EN input is used to enable or disable the device. When the device is disabled, all channels are switched off.

FEATURES
   ±2 V to ±6 V dual-supply operation
   2 V to 12 V single-supply operation
   Automotive temperature range: −40°C to +125°C
   <0.2 nA leakage currents
   52 Ω on resistance over full signal range
   Rail-to-rail switching operation
   16-lead LFCSP and TSSOP packages
   Typical power consumption: <0.1 μW
   TTL-/CMOS-compatible inputs
   Package upgrades to 74HC4053 and MAX4053/MAX4583

APPLICATIONS
   Automotive applications
   Automatic test equipment
   Data acquisition systems
   Battery-powered systems
   Communications systems
   Audio and video signal routing
   Relay replacement
   Sample-and-hold systems
   Industrial control systems




Similar Part No. - ADG633YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633YCP AD-ADG633YCP Datasheet
384Kb / 16P
CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCP-REEL7 AD-ADG633YCP-REEL7 Datasheet
384Kb / 16P
CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ-REEL71 AD-ADG633YCPZ-REEL71 Datasheet
384Kb / 16P
CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ1 AD-ADG633YCPZ1 Datasheet
384Kb / 16P
CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
More results


Similar Description - ADG633YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV.0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
logo
M/A-COM Technology Solu...
MASWSS0179_V3 MA-COM-MASWSS0179_V3 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch
logo
Analog Devices
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
M/A-COM Technology Solu...
MASWSS0179 MA-COM-MASWSS0179_15 Datasheet
538Kb / 4P
3 V GaAs SPDT Switch
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
18-Apr-16
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, ± 5 V / 12 V / 5 V / 3 V Analog Multiplexers
11-Apr-16
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com