Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0179_V3 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0179_V3 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0179_V3
Download  MASWSS0179_V3 Download
File Size   130.35 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 V GaAs SPDT Switch

MASWSS0179_V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0179_V3 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0179_V3
Download  MASWSS0179_V3 Click to download

File Size   130.35 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 V GaAs SPDT Switch

MASWSS0179_V3 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0179_V3 Product details

Description
The MASWSS0179 is a GaAs single pole, double throw switch in a lead-free SOT-26 surface mount plastic package. The MASWSS0179 is ideally suited for applications where very low power consumption, low intermodulation products, very small size and low cost are required.

Features
• Low Insertion Loss: <0.5 dB @ 900 MHz
• Low Power Consumption: <1.0 µA @ 3 VDC
• Very High Intercept Point: 52 dBm IP3
• Both Positive and Negative 3 to 8 V Control
• Lead-Free SOT-26 Package
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-395




Similar Part No. - MASWSS0179_V3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0179TR-3000 MACOM-MASWSS0179TR-3000 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0179TR-3000 MA-COM-MASWSS0179TR-3000 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179TR-3000 MA-COM-MASWSS0179TR-3000 Datasheet
538Kb / 4P
3 V GaAs SPDT Switch
MASWSS0179 MA-COM-MASWSS0179_15 Datasheet
538Kb / 4P
3 V GaAs SPDT Switch
More results


Similar Description - MASWSS0179_V3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0179 MA-COM-MASWSS0179 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
SW-395 MA-COM-SW-395 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MA-COM-MASWSS0179 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0167 MA-COM-MASWSS0167_15 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
GaAs 0.5 -3 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0179 MA-COM-MASWSS0179_15 Datasheet
538Kb / 4P
3 V GaAs SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com