Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-395 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-395 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-395
Download  SW-395 Download
File Size   108.28 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 V GaAs SPDT Switch DC - 2.0 GHz

SW-395 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-395 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-395
Download  SW-395 Click to download

File Size   108.28 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 V GaAs SPDT Switch DC - 2.0 GHz

SW-395 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-395 Product details

Description
M/A-COM’s SW-395 is a GaAs single pole, double throw switch in a low cost SOT-26 surface mount plastic package. The SW-395 is ideally suited for applications where very low power consumption, low intermodulation products, very small size and low cost are required.
Typical application is an internal / external antenna select switch for portable telephones and data radios. In addition, because of its low loss, good isolation and inherent speed, the SW-395 can be used as a conventional T/R switch or as an antenna diversity switch. The SW-395 can be used in power applications up to 0.5 Watts in systems such as cellular, PCS, GSM and other analog / digital wireless communications systems.

Features
• Low Insertion Loss: <0.5 dB @ 900 MHz
• Low Power Consumption: <10µA @ 3 VDC
• Very High Intercept Point: 52 dBm IP3
• Both Positive and Negative 3 to 8 V Control
• Low Cost SOT-26 Package




Similar Part No. - SW-395

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-395 MACOM-SW-395 Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
SW-3951 MA-COM-SW-3951 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-395PIN MACOM-SW-395PIN Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
SW-395TR MACOM-SW-395TR Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
More results


Similar Description - SW-395

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
SW-395 MACOM-SW-395 Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0179 MA-COM-MASWSS0179 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MA-COM-MASWSS0179 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com