Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-395 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-395
Description  3 V GaAs SPDT Switch DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-395 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-395 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-395 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-395 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 V GaAs SPDT Switch
DC - 2.0 GHz
Rev. V7
SW-395
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: <0.5 dB @ 900 MHz
• Low Power Consumption: <10 µA @ 3 VDC
• Very High Intercept Point: 52 dBm IP3
• Both Positive and Negative 3 to 8 V Control
• Low Cost SOT-26 Package
Description
M/A-COM’s SW-395 is a GaAs single pole, double
throw switch in a low cost SOT-26 surface mount
plastic package. The SW-395 is ideally suited for
applications where very low power consumption, low
intermodulation products, very small size and low
cost are required.
Typical application is an internal / external antenna
select switch for portable telephones and data
radios. In addition, because of its low loss, good
isolation and inherent speed, the SW-395 can be
used as a conventional T/R switch or as an antenna
diversity switch. The SW-395 can be used in power
applications up to 0.5 Watts in systems such as
cellular, PCS, GSM and other analog / digital
wireless communications systems.
The SW-395 is fabricated using a mature 0.5-micron
gate length GaAs PHEMT process. The process
features
full
chip
passivation
for
increased
performance and reliability.
Functional Schematic
5
5. DC blocking capacitors are not required if negative control
voltage is used.
6
5
4
1
2
3
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1
4
Control B
2
Ground
5
RF Common
3
RF2
6
Control A
Part Number
Package
SW-395
Bulk Packaging
SW-395TR-3000
3000 piece reel
Ordering Information
1
1. Reference Application Note M513 for reel size information.
Control A
Control B
RFC to RF1
RFC to RF2
0
1
Off
On
1
0
On
Off
Truth Table
2,3,4
2. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
3. 0 = -8 V to 0 V, 1 = 0 V to +8 V.
4. Differential voltage, V (state 1) - V (state 0), must be +2.8 V
minimum and must not exceed +8 V.
Absolute Maximum Ratings
6,7
Parameter
Absolute Maximum
Input Power
+33 dBm
Operating Voltage
+8.5 Volts
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - SW-395

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-395 MACOM-SW-395 Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
SW-3951 MA-COM-SW-3951 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-395PIN MACOM-SW-395PIN Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
SW-395TR MACOM-SW-395TR Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
More results

Similar Description - SW-395

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
SW-395 MACOM-SW-395 Datasheet
48Kb / 2P
3 Volt GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0179 MA-COM-MASWSS0179 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MA-COM-MASWSS0179 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com