Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8130ARM Datasheet (PDF) - Analog Devices

AD8130ARM Datasheet PDF - Analog Devices
Part # AD8130ARM
Download  AD8130ARM Download
File Size   505.33 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost 270 MHz Differential Receiver Amplifiers

AD8130ARM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8130ARM Datasheet PDF - Analog Devices

Part # AD8130ARM
Download  AD8130ARM Click to download

File Size   505.33 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost 270 MHz Differential Receiver Amplifiers

AD8130ARM Datasheet (HTML) - Analog Devices


AD8130ARM Product details

GENERAL DESCRIPTION

The AD8129/AD8130 are designed as receivers for the transmission of high speed signals over twisted-pair cables to work with the AD8131 or AD8132 drivers. Either can be used for analog or digital video signals and for high speed data transmission.

The AD8129/AD8130 are differential-to-single-ended amplifiers with extremely high CMRR at high frequency. Therefore, they can also be effectively used as high speed instrumentation amps or for converting differential signals to single-ended signals.



FEATURES

High speed

  AD8130: 270 MHz, 1090 V/μs @ G = +1

  AD8129: 200 MHz, 1060 V/μs @ G = +10

High CMRR

  94 dB min, dc to 100 kHz

  80 dB min @ 2 MHz

  70 dB @ 10 MHz

High input impedance: 1 MΩ differential

Input common-mode range ±10.5 V

Low noise

  AD8130: 12.5 nV/√Hz

  AD8129: 4.5 nV/√Hz

Low distortion, 1 V p-p @ 5 MHz

  AD8130, −79 dBc worst harmonic @ 5 MHz

  AD8129, −74 dBc worst harmonic @ 5 MHz

User-adjustable gain

    No external components for G = +1

Power supply range +4.5 V to ±12.6 V

Power-down



APPLICATIONS

High speed differential line receivers

Differential-to-single-ended converters

High speed instrumentation amps

Level shifting




Similar Part No. - AD8130ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8130ARM AD-AD8130ARM Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARM-REEL AD-AD8130ARM-REEL Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARM-REEL7 AD-AD8130ARM-REEL7 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARMZ AD-AD8130ARMZ Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARMZ-REEL AD-AD8130ARMZ-REEL Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results


Similar Description - AD8130ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
logo
Analog Devices
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
logo
Analog Devices
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com