Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5020 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5020 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5020
Download  2N5020 Download
File Size   89.92 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description P-Channel Silicon Junction Field-Effect Transistor

2N5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5020 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5020
Download  2N5020 Click to download

File Size   89.92 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description P-Channel Silicon Junction Field-Effect Transistor

2N5020 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5020 Product details

P-Channel Silicon Junction Field-Effect Transistor

● Analog Switches

Absolute maximum ratings at TA = 25°C
   Reverse Gate Source & Reverse Gate Drain Voltage – 50 V
   Continuous Forward Gate Current                                  50 mA
   Continuous Device Power Dissipation                            500 mW
   Power Derating                                                               4 mW/°C
   Storage Temperature Range                                       – 65°C to + 200°C




Similar Part No. - 2N5020

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
logo
Central Semiconductor C...
2N5020 CENTRAL-2N5020 Datasheet
58Kb / 1P
Junction FETs Low Frequency/ Low Noise
More results


Similar Description - 2N5020

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com