Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC839LP6CE Datasheet (PDF) - Analog Devices

HMC839LP6CE Datasheet PDF - Analog Devices
Part # HMC839LP6CE
Download  HMC839LP6CE Download
File Size   1009.49 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description FRACTIONAL-N PLL WITH INTEGRATED VCO

HMC839LP6CE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC839LP6CE Datasheet PDF - Analog Devices

Part # HMC839LP6CE
Download  HMC839LP6CE Click to download

File Size   1009.49 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description FRACTIONAL-N PLL WITH INTEGRATED VCO

HMC839LP6CE Datasheet (HTML) - Analog Devices


HMC839LP6CE Product details

General Description
the HMc839lp6ce is a fully functioned Fractional-n phase-locked-loop (pll) with an integrated voltage controlled oscillator (vco). the pll consists of an integrated low noise vco with a tri-band output, an autocalibration subsystem for low voltage vco tuning, a very low noise digital phase detector (pd), a precision controlled charge pump, a low noise reference path divider and a fractional divider.

Features
• tri-band rF Bandwidths:
   1050 - 1205, 2100 - 2410, 4200 - 4820 MHz
• Ultra low phase noise
   -112 dBc/Hz in Band typ.
• Figure of Merit (FoM) -227 dBc/Hz
• < 180 fs rMs Jitter
• 24-bit step size, resolution 3 Hz typ
• exact Frequency resolution Mode
• Built-in digital self test
• 40 lead 6x6 mm sMt package: 36 mm2

Typical Applications
• cellular/4g infrastructure
• repeaters and Femtocells
• communications test equipment
• catv equipment
• phased array applications
• dds replacement
• very High data rate radios




Similar Part No. - HMC839LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC839LP6CE HITTITE-HMC839LP6CE Datasheet
1Mb / 12P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO 1050 - 1205, 2100 - 2410, 4200 - 4820 MHz
More results


Similar Description - HMC839LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com