Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC839LP6CE Datasheet (PDF) - Hittite Microwave Corporation

HMC839LP6CE Datasheet PDF - Hittite Microwave Corporation
Part # HMC839LP6CE
Download  HMC839LP6CE Download
File Size   1322.83 Kbytes
Page   12 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO 1050 - 1205, 2100 - 2410, 4200 - 4820 MHz

HMC839LP6CE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC839LP6CE Datasheet PDF - Hittite Microwave Corporation

Part # HMC839LP6CE
Download  HMC839LP6CE Click to download

File Size   1322.83 Kbytes
Page   12 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO 1050 - 1205, 2100 - 2410, 4200 - 4820 MHz

HMC839LP6CE Datasheet (HTML) - Hittite Microwave Corporation


HMC839LP6CE Product details

General Description
the HMC839LP6Ce is a fully functioned Fractional-n Phase-Locked-Loop (PLL) Frequency Synthesizer with an Integrated Voltage Controlled Oscillator (VCO). the synthesizer consists of an integrated low noise VCO with a triband output, an autocalibration subsystem for low voltage VCO tuning, a very low noise digital Phase detector (Pd), a precision controlled charge pump, a low noise reference path divider and a fractional divider.

Features
• rF Bandwidth:
   1050 - 1205, 2100 - 2410, 4200 - 4820 MHz
• Ultra Low Phase noise
   -112 dBc/Hz in Band typ.
• Figure of Merit (FOM) -227 dBc/Hz
• < 180 fs rMS Jitter
• 24-bit Step Size, resolution 3 Hz typ
• exact Frequency resolution Mode
• Built-In digital Self test
• 40 Lead 6x6 mm SMt Package: 36 mm2

Typical Applications
• Cellular/4g Infrastructure
• repeaters and Femtocells
• Communications test equipment
• CatV equipment
• Phased array applications
• ddS replacement
• Very High data rate radios




Similar Part No. - HMC839LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC839LP6CE AD-HMC839LP6CE Datasheet
1,009Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Similar Description - HMC839LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC829LP6GE HITTITE-HMC829LP6GE Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC824LP6CE HITTITE-HMC824LP6CE_10 Datasheet
1Mb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC829LP6GE_1109 HITTITE-HMC829LP6GE_1109 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com