Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9280 Datasheet (PDF) - Torex Semiconductor

XC9280 Datasheet PDF - Torex Semiconductor
Part # XC9280
Download  XC9280 Download
File Size   1337.92 Kbytes
Page   29 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 18V Operation 3.0A Synchronous Step-Down DC/DC Converters

XC9280 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9280 Datasheet PDF - Torex Semiconductor

Part # XC9280
Download  XC9280 Click to download

File Size   1337.92 Kbytes
Page   29 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 18V Operation 3.0A Synchronous Step-Down DC/DC Converters

XC9280 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9280

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
XC9281 TOREX-XC9281 Datasheet
1Mb / 30P
HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
004
XC9281A07D TOREX-XC9281A07D Datasheet
1Mb / 30P
HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
004
XC9281A07D0R-G TOREX-XC9281A07D0R-G Datasheet
1Mb / 30P
HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
004
XC9281A07D1R-G TOREX-XC9281A07D1R-G Datasheet
1Mb / 30P
HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
004
More results


Similar Description - XC9280

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
18V Operation 0.5A Synchronous Step-Down DC/DC Converters
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9267 TOREX-XC9267 Datasheet
1Mb / 31P
36V Operation 0.6A Synchronous Step-Down DC/DC Converters
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
18V Operation 500mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com