Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9264 Datasheet (PDF) - Torex Semiconductor

XC9264 Datasheet PDF - Torex Semiconductor
Part # XC9264
Download  XC9264 Download
File Size   1060.66 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 18V Operation 0.5A Synchronous Step-Down DC/DC Converters

XC9264 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9264 Datasheet PDF - Torex Semiconductor

Part # XC9264
Download  XC9264 Click to download

File Size   1060.66 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 18V Operation 0.5A Synchronous Step-Down DC/DC Converters

XC9264 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9264

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CER-G TOREX-XC9260A08CER-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CPR-G TOREX-XC9260A08CPR-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DER-G TOREX-XC9260A08DER-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DPR-G TOREX-XC9260A08DPR-G Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results


Similar Description - XC9264

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
18V Operation 0.5A Synchronous Step-Down DC/DC Converters
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9267 TOREX-XC9267 Datasheet
1Mb / 31P
36V Operation 0.6A Synchronous Step-Down DC/DC Converters
XC9280 TOREX-XC9280 Datasheet
1Mb / 29P
18V Operation 3.0A Synchronous Step-Down DC/DC Converters
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
18V Operation 500mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com