Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9215 Datasheet (PDF) - Torex Semiconductor

XC9215 Datasheet PDF - Torex Semiconductor
Part # XC9215
Download  XC9215 Download
File Size   239.73 Kbytes
Page   21 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 500mA Synchronous Step-Down DC/DC Converters

XC9215 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9215 Datasheet PDF - Torex Semiconductor

Part # XC9215
Download  XC9215 Click to download

File Size   239.73 Kbytes
Page   21 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 500mA Synchronous Step-Down DC/DC Converters

XC9215 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9215

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9210B092KL TOREX-XC9210B092KL Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9210B092KL TOREX-XC9210B092KL Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9210B092KR TOREX-XC9210B092KR Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
More results


Similar Description - XC9215

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
18V Operation 500mA Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com