Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3655 Datasheet (PDF) - Unisonic Technologies

UC3655 Datasheet PDF - Unisonic Technologies
Part # UC3655
Download  UC3655 Download
File Size   277.07 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS

UC3655 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3655 Datasheet PDF - Unisonic Technologies

Part # UC3655
Download  UC3655 Click to download

File Size   277.07 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS

UC3655 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UC3655

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
301Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655G-12-AF5-G UTC-UC3655G-12-AF5-G Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655G-12-AF5-L UTC-UC3655G-12-AF5-L Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Similar Description - UC3655

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
18V Operation 500mA Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com