Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF1531 Datasheet (PDF) - OKI electronic componets

KGF1531 Datasheet PDF - OKI electronic componets
Part # KGF1531
Download  KGF1531 Download
File Size   114.67 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Small-Signal Amplifier

KGF1531 Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF1531 Datasheet PDF - OKI electronic componets

Part # KGF1531
Download  KGF1531 Click to download

File Size   114.67 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Small-Signal Amplifier

KGF1531 Datasheet (HTML) - OKI electronic componets


KGF1531 Product details

GENERAL DESCRIPTION
The KGF1531 is a high-performance GaAs FET small-signal dual-gate mixer for L-band frequencies that features low voltage operation, low current operation, high conversion gain, and low distortion. The KGF1531 specifications are guaranteed to a fixed matching circuit for 3 V and 1.9 GHz; external impedance-matching circuits are also required. Because of the high 3rd-order intercept point, the KGF1531 is ideal as a small-signal receiving mixer for L-band personal handy phones, such as digital keying cordless phones that require low intermodulation properties.

FEATURES
• Low voltage and low current operation: 3 V, 8 mA (max.)
• Specifications guaranteed as the mixer operation to a fixed matching circuits for 3 V, 1.9 GHz
• High conversion gain: 12 dB (typ.) at 1.9 GHz
• Low distortion: 3rd-order intercept point = 12.5 dBm (typ.) at 1.9 GHz
• Self-bias circuit configuration with built-in source capacitor
• Package: 4PSOP




Similar Part No. - KGF1531

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
Small-Signal Amplifier
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
Small-Signal Amplifier
logo
KEC(Korea Electronics)
KGF15N120KDA KEC-KGF15N120KDA Datasheet
1Mb / 8P
High speed switching
KGF15N120NDS KEC-KGF15N120NDS Datasheet
1Mb / 7P
High speed switching
KGF15N60FDA KEC-KGF15N60FDA Datasheet
1Mb / 8P
High speed switching
More results


Similar Description - KGF1531

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1146 OKI-KGF1146 Datasheet
65Kb / 7P
Small-Signal Amplifier
KGF1175B OKI-KGF1175B Datasheet
103Kb / 8P
Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
Small-Signal Amplifier
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
Small-Signal Amplifier
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
Small-Signal Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
General small signal amplifier (General small signal amplifier)
logo
OKI electronic componet...
KGF1156 OKI-KGF1156 Datasheet
72Kb / 7P
Small-Signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com