Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF1156 Datasheet (PDF) - OKI electronic componets

KGF1156 Datasheet PDF - OKI electronic componets
Part # KGF1156
Download  KGF1156 Download
File Size   72.36 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Small-Signal Amplifier

KGF1156 Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF1156 Datasheet PDF - OKI electronic componets

Part # KGF1156
Download  KGF1156 Click to download

File Size   72.36 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Small-Signal Amplifier

KGF1156 Datasheet (HTML) - OKI electronic componets


KGF1156 Product details

GENERAL DESCRIPTION
The KGF1156 is a small-signal UHF-band amplifier that features high output power, high gain, low noise, and low current operation. The KGF1156 specifications are guaranteed to a fixed matching circuit for 5 V and 850 MHz; external impedance-matching circuits are also required. Because of the dual gate configuration, high output, high gain, low noise, and low operating current, the KGF1156 is ideal as a receiver mixer for personal handy phones.

FEATURES
• High output power: 6 dBm (min.)
• High linear gain: 15 dB (min.)
• Low current operation: 6 mA (max.)
• Low noise: 3 dB (max.)
• Self-bias circuit configuration with built-in source capacitor
• Package: 4PSOP




Similar Part No. - KGF1156

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1155 OKI-KGF1155 Datasheet
178Kb / 5P
UHF-band Device Series
More results


Similar Description - KGF1156

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1146 OKI-KGF1146 Datasheet
65Kb / 7P
Small-Signal Amplifier
KGF1175B OKI-KGF1175B Datasheet
103Kb / 8P
Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
Small-Signal Amplifier
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
Small-Signal Amplifier
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
Small-Signal Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
General small signal amplifier (General small signal amplifier)
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com